Part Number Hot Search : 
CTQ040 APTM1 AKA0600S EMK13H HCF4096B FCC20 APTM1 100CA
Product Description
Full Text Search
 

To Download 4GBJ8005-4GBJ810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4GBJ8005 thru 4GBJ810
GLASS PASSIVATED BRIDGE RECTIFIERS FEATURES
Rating to 1000V PRV Ideal for printed circuit board Low forward voltage drop,high current capability Reliable low cost construction utilizing molded plastic
? .134(3.4) ? .122(3.1) .995(25.3) .983(24.7)
REVERSE VOLTAGE FORWARD CURRENT 4GBJ
- 50 to 1000Volts - 8.0 Amperes
.043(1.1) .035(0.9)
.074(1.9) .059(1.5)
.708(18.0) .669(17.0)
.150(3.8) .130(3.3)
.057(1.45) .041(1.05) .083(2.1) .069(1.7)
+
~
~
-
.157 (4.0)
classification 94V-0
.602(15.3) .578(14.7)
The plastic material has U/L flammability
.118(3.0)*45
.114(2.9) .098(2.5)
.303(7.7) .303(7.7) .303(7.7) SPACING .287(7.3) .287(7.3) .287(7.3)
.031(0.8) .023(0.6)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward (with heatsink Note 2) Rectified Current @ TC=100 (without heatsink) Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 4.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage I2t Rating for Fusing (t<8.3ms) Typical Junction Capacitance Per Element (Note1) Typical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range @ TJ=25 @ TJ=125
SYMBOL VRRM VRMS VDC I(AV)
4GBJ 8005 50 35 50
4GBJ 801 100 70 100
4GBJ 802 200 140 200
4GBJ 804 400 280 400 8.0 2.9 200 1.1 10.0 500 120 55 1.8 -55 to +150 -55 to +150
4GBJ 806 600 420 600
4GBJ 808 800 560 800
4GBJ 810 1000 700 1000
UNIT V V V A
IFSM VF IR I2t CJ RJC TJ TSTG
A2s pF /W
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 2.Device mounted on 75mm*75mm*1.6mm cu plate heatsink.
~ 307 ~
? .134(3.4) ? .122(3.1)
technique results in inexpensive product
.382(9.7) .366(9.3)
.189(4.8) .173(4.4) .150(3.8) .134(3.4)
A V A
RATING AND CHARACTERTIC CURVES 4GBJ8005 thru 4GBJ810
FLG.2-MAXIMUM NON-REPETITIVE SURGE CURRENT 225 PEAK FORWARD SURGE CURRENT, AMPERES
WITH HEATSINK
FIG.1-FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT AMPERES 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 20 40 60 80 100 120 140 CASE TEMPERATURE, C
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD WITHOUT HEATSINK
200
PULSE WIDTH 8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
150
100
50 0 0 2 5
10
20
50
100
NUMBER OF CYCLETS AT 60Hz
FIG.3-TYPICAL JUNCTION CAPACITANCE 100 INSTANTANEOUS FORWARD CURRENT, (A) 10
FIG.4-TYPICAL FORWARD CHARACTERISTICS
CAPACITANCE,(pF)
1.0
10
0.1
TJ = 25C PULSE WIDTH 300us
TJ=25C,f=1MHZ
1.0 1.0 10.0 REVERSE VOLTAGE,(VOLTS) 100
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
INSTANTANEOUS FORWARD VOLTAGE, VOLTS FIG.5-TYPICAL REVERSE CHARACTERISTICS
1000 INSTANTANEOUS REVERSE CURRENT ,(uA)
100
TJ=125C
TJ=100C
10
TJ=50C
1.0
TJ=25C
0.1 0 20 40 60 80 100 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
~ 308 ~


▲Up To Search▲   

 
Price & Availability of 4GBJ8005-4GBJ810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X